Part Number Hot Search : 
90816 D2732D CMS09 RFSP2023 4042B 2SK3936 PCF50605 SP8067DG
Product Description
Full Text Search
 

To Download SCD34LH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (20v~40v / 3.0a) scd32lh thru SCD34LH uni t : mm absolute maximum ratings (ta = 25 o c) v rrm scd32lh 20 SCD34LH 40 v i f(av) a i fsm a t j t stg 80 -55 to +125 -55 to +150 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current operating junction temperature range rating 3.0 repetitive peak reverse voltage storage temperature range schottky barrier diode * halogen-free type * lead free product, compliance to roh s * lead less chip form, no lead damage * low power loss, high efficiency * high current capability * low forward voltage drop * plastic package has underwriters laboratory flammability classification 94v-0 features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * telecommunication application * 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser cathode band marking weight : 0.02 gram mechanical data outline dimensions o c o c electrical characteristics (ta = 25 o c) v f item symbol conditions min. typ. i f = 1.0a i f = 3.0a v - - 0.30 0.39 - 0.42 max. unit forward voltage (note 1) o c/w - 55 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 17 - r th(jl) junction to lead (note 2) pf - 120 - c j v r = 4v, f = 1.0 mhz junction capacitance ma - 0.55 1.0 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2007/10 rev. 0 notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. marking jedec : sma do-214ac 2.20 0.1 0. 5 0 0.95 0.2 0.95 0.2 4.5 0.1 0.05 0.96 + 0.2 - 0.1 cathode mark series code scd amps class low vf voltage class l 3 . halogen-free type case : 2010
zowie (20v~40v / 3.0a) scd32lh thru SCD34LH 2007/10 rev. 0 fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 3.0 1.0 2.0 iinstantaneous forward current, amperes 0.10 1.00 10 0.01 0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0 0 50 70 90 110 130 150 170 resistive or inductive load p.c.b. mounted on 0.2x0.2"(5.0x5.0mm) copper pad areas lead temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 0 10 20 30 50 40 60 70 80 1 10 100 fig.5 - typical junction capacitance t j = 25 o c f=1.0mhz vsig=50mvp-p reverse voltage, volts .1 junction capacitance, pf 500 1.0 10 100 100 10 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, milliamperes 0.01 .001 0 20 0.10 1.0 10 100 40 60 80 100 120 140 tj=80 o c tj=25 o c


▲Up To Search▲   

 
Price & Availability of SCD34LH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X